Part Number Hot Search : 
BZX79C11 UB209B MP401 2SA1576A RT3N55M A684M035 5253B 5544S
Product Description
Full Text Search
 

To Download PMBT3904VS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
Rev. 01 -- 8 July 2009 Product data sheet
1. Product profile
1.1 General description
NPN/NPN double switching transistor in a SOT666 ultra small and flat lead Surface-Mounted Device (SMD) plastic package.
Table 1. Product overview Package NXP PMBT3904VS SOT666 JEITA PNP/PNP complement PMBT3906VS NPN/PNP complement PMBT3946VPN
Type number
1.2 Features
I Double general-purpose switching transistor I Board-space reduction I Ultra small and flat lead SMD plastic package
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
Table 2. Symbol VCEO IC hFE Quick reference data Parameter collector-emitter voltage collector current DC current gain VCE = 1 V; IC = 10 mA Conditions open base Min 100 Typ 180 Max 40 200 300 Unit V mA
Per transistor
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
2. Pinning information
Table 3. Pin 1 2 3 4 5 6 Pinning Description emitter TR1 base TR1 collector TR2 emitter TR2 base TR2 collector TR1
1 2 3 1 2
sym020
Simplified outline
6 5 4
Graphic symbol
6 5 4
TR2 TR1
3
3. Ordering information
Table 4. Ordering information Package Name PMBT3904VS Description plastic surface-mounted package; 6 leads Version SOT666 Type number
4. Marking
Table 5. Marking codes Marking code ZC Type number PMBT3904VS
5. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCBO VCEO VEBO IC ICM IBM Ptot Per device Ptot total power dissipation Tamb 25 C
[1][2]
Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current peak collector current peak base current total power dissipation
Conditions open emitter open base open collector single pulse; tp 1 ms single pulse; tp 1 ms Tamb 25 C
[1][2]
Min -
Max 60 40 6 200 200 100 240 360
Unit V V V mA mA mA mW mW
Per transistor
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
2 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
Table 6. Limiting values ...continued In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Tj Tamb Tstg
[1] [2]
Parameter junction temperature ambient temperature storage temperature
Conditions
Min -55 -65
Max 150 +150 +150
Unit C C C
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method.
400 Ptot (mW) 300
006aab604
200
100
0 -75
-25
25
75
125 175 Tamb (C)
FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curve
6. Thermal characteristics
Table 7. Symbol Rth(j-a) Rth(j-sp) Per device Rth(j-a)
[1] [2]
Thermal characteristics Parameter thermal resistance from junction to ambient thermal resistance from junction to solder point thermal resistance from junction to ambient in free air
[1][2]
Conditions in free air
[1][2]
Min -
Typ -
Max 521 100
Unit K/W K/W
Per transistor
-
-
347
K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method.
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
3 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
103 duty cycle = Zth(j-a) (K/W) 102 1 0.5 0.33 0.2 0.1 0.05 0.02 10 0.01 0 0.75
006aab605
1 10-5
10-4
10-3
10-2
10-1
1
10
102 tp (s)
103
FR4 PCB, standard footprint
Fig 2.
Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
7. Characteristics
Table 8. Characteristics Tamb = 25 C unless otherwise specified. Symbol ICBO IEBO hFE Parameter Conditions Min Typ Max 50 50 Unit nA nA Per transistor collector-base cut-off VCB = 30 V; IE = 0 A current emitter-base cut-off current DC current gain VEB = 6 V; IC = 0 A VCE = 1 V IC = 0.1 mA IC = 1 mA IC = 10 mA IC = 50 mA IC = 100 mA VCEsat VBEsat td tr ton ts tf toff
PMBT3904VS_1
60 80 100 60 30 650 -
180 180 180 105 50 75 120 750 850 -
300 200 300 850 950 35 35 70 200 50 250 mV mV mV mV ns ns ns ns ns ns
4 of 11
collector-emitter saturation voltage base-emitter saturation voltage delay time rise time turn-on time storage time fall time turn-off time
IC = 10 mA; IB = 1 mA IC = 50 mA; IB = 5 mA IC = 10 mA; IB = 1 mA IC = 50 mA; IB = 5 mA VCC = 3 V; IC = 10 mA; IBon = 1 mA; IBoff = -1 mA
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
Table 8. Characteristics ...continued Tamb = 25 C unless otherwise specified. Symbol Cc Ce fT NF Parameter Conditions Min 300 Typ Max 4 8 5 Unit pF pF MHz dB collector capacitance VCB = 5 V; IE = ie = 0 A; f = 1 MHz emitter capacitance transition frequency noise figure VEB = 500 mV; IC = ic = 0 A; f = 1 MHz VCE = 20 V; IC = 10 mA; f = 100 MHz VCE = 5 V; IC = 100 A; RS = 1 k; f = 10 Hz to 15.7 kHz
600 hFE
006aab115
0.20 IB (mA) = 5.0 IC (A) 0.15 4.0 3.0 2.0 1.0
006aab116
4.5 3.5 2.5 1.5
400
(1)
0.10
0.5 200
(2)
0.05
(3)
0 10-1
1
10
102 IC (mA)
103
0.0 0 2 4 6 8 10 VCE (V)
VCE = 1 V (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
Tamb = 25 C
Fig 3.
Per transistor: DC current gain as a function of collector current; typical values
Fig 4.
Per transistor: Collector current as a function of collector-emitter voltage; typical values
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
5 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
1.2 VBE (V)
(1)
006aab117
1.3 VBEsat (V) 0.9
(1) (2)
006aab118
0.8
(2)
(3)
0.4
0.5
(3)
0 10-1
1
10
102 IC (mA)
103
0.1 10-1
1
10
102 IC (mA)
103
VCE = 1 V (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
IC/IB = 10 (1) Tamb = -55 C (2) Tamb = 25 C (3) Tamb = 150 C
Fig 5.
Per transistor: Base-emitter voltage as a function of collector current; typical values
1
Fig 6.
Per transistor: Base-emitter saturation voltage as a function of collector current; typical values
006aab119
VCEsat (V)
10-1
(2)
(1)
(3)
10-2 10-1
1
10
102 IC (mA)
103
IC/IB = 10 (1) Tamb = 150 C (2) Tamb = 25 C (3) Tamb = -55 C
Fig 7.
Per transistor: Collector-emitter saturation voltage as a function of collector current; typical values
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
6 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
8. Test information
VBB VCC
RB oscilloscope VI R1 (probe) 450 R2
RC Vo (probe) 450 DUT oscilloscope
mlb826
VI = 5 V; t = 600 s; tp = 10 s; tr = tf 3 ns R1 = 56 ; R2 = 2.5 k; RB = 3.9 k; RC = 270 VBB = -1.9 V; VCC = 3 V
Fig 8.
Test circuit for switching times
9. Package outline
1.7 1.5 6 5 4 0.3 0.1 1.7 1.5 1.3 1.1 pin 1 index
0.6 0.5
1 0.5 1 Dimensions in mm
2
3 0.27 0.17 0.18 0.08 04-11-08
Fig 9.
Package outline SOT666
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
7 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
10. Packing information
Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number Package Description 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel
[1] For further information and the availability of packing methods, see Section 14.
Packing quantity 4000 8000 -315 -115
PMBT3904VS SOT666
11. Soldering
2.75 2.45 2.1 1.6 solder lands 0.4 (6x) 0.25 (2x) 0.55 (2x) 0.3 (2x) placement area solder paste occupied area 0.325 0.375 (4x) (4x) 1.7 0.45 (4x) 0.5 (4x) 0.6 (2x) 0.65 (2x)
sot666_fr
0.538 2 1.7 1.075
Dimensions in mm
Reflow soldering is the only recommended soldering method.
Fig 10. Reflow soldering footprint SOT666
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
8 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
12. Revision history
Table 10. Revision history Release date 20090708 Data sheet status Product data sheet Change notice Supersedes Document ID PMBT3904VS_1
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
9 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
13. Legal information
13.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
13.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
13.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
13.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PMBT3904VS_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 8 July 2009
10 of 11
NXP Semiconductors
PMBT3904VS
40 V, 200 mA NPN/NPN switching transistor
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 13.1 13.2 13.3 13.4 14 15 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Test information . . . . . . . . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 Packing information. . . . . . . . . . . . . . . . . . . . . . 8 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 Legal information. . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 10 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Contact information. . . . . . . . . . . . . . . . . . . . . 10 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 8 July 2009 Document identifier: PMBT3904VS_1


▲Up To Search▲   

 
Price & Availability of PMBT3904VS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X